Part Number Hot Search : 
0CNQ0 M13252DH ITS410 46V32M16 FJV4105R DTB543EE W78L54 5C253
Product Description
Full Text Search
 

To Download UET1E330MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
ET
Bi-Polarized, Wide Temperature Range
series
Bi-polarized series for operations over wide temperature range of - 55 ~ +105C. Adapted to the RoHS directive (2002/95/EC).
ET
High Temperature
VP
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 55 ~ +105C 6.3 ~ 100V 0.47 ~ 1000F 20% at 120Hz, 20C After 5 minutes' application of rated voltage, leakage current is not more than 0.03CV or 3 (A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.24
10 0.20
16 0.16 6.3 4 8 10 3 6
25 0.16 16 2 4
35 0.14 25 2 4
50 0.12 35 2 3 50 2 3
63 0.10 63 2 3
100 0.09 100 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 1000 hours' application of rated voltage at 105C with the polarity inverted every 250 hours, capacitors meet the characteristic requirement listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Radial Lead Type
Type numbering system (Example : 10V 47F)
fd
Sleeve (P.E.T.)
+0.5MAX
UET 1 A 4 7 0 MED
P 0.5
1 2 3 4 5 6 7 8 9 10 11 Configuration Capacitance tolerance (20%) Rated Capacitance (47mF) Rated voltage (10V) Series name Type Configuration Pb-free leadwire fD Pb-free PET sleeve 5 DD 6.3 ED 8 a 10 PD 12.5 a 16 HD
fD
(f6.3up)
Pressure relief vent
L+ MAX
15MIN
fD fd
4MIN
(L < 20) 1.5 (L 20) 2.0
P
5 6.3 8 10 12.5 16 2.0 2.5 3.5 5.0 5.0 7.5 0.5 0.5 0.6 0.6 0.6 0.8
(mm)
* Please refer to page 21 about the end seal configulation.
Dimensions
Cap. (F) V Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000
R47 010 2R2 3R3 4R7 100 220 5 x 11 330 470 6.3 x 11 8 x 11.5 101 221 10 x 12.5 331 10 x 16 471 10 x 20 102 12.5 x 25
46 61 104 168 229 300 550
5 x 11 6.3 x 11 6.3 x 11 10 x 12.5 10 x 16 10 x 20 12.5 x 20 16 x 25
5 x 11 42 6.3 x 11 57 6.3 x 11 8 x 11.5 67 125 10 x 12.5 204 10 x 20 275 12.5 x 20 371 12.5 x 25 668 16 x 25
30 51 63 89 139 279 346 460 746
5 x 11 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 12.5 x 25 12.5 x 25 16 x 25 16 x 31.5
5 x 11 23 34 6.3 x 11 8 x 11.5 55 79 10 x 12.5 100 10 x 12.5 164 10 x 20 336 12.5 x 25 414 16 x 25 543 16 x 25 871
25 40 68 89 111 196 364 493 586
50 1H 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 25 16 x 25 16 x 31.5
63 1J 8 12 18 22 6.3 x 11 29 6.3 x 11 51 8 x 11.5 82 10 x 16 107 10 x 20 146 10 x 20 264 12.5 x 25 443 16 x 31.5 593
26 31 53 96 129 157 275 486
100 2A 5 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 12.5 x 20 12.5 x 25 16 x 25
10 15 22 32 39 64 114 164 200 304
Case size Rated D x L (mm) ripple
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
Cap.(F) Frequency
0000 ~ 4700 0100 ~ 4700 1000
50 Hz 0.75 0.80 0.85
120 Hz 1.00 1.00 1.00
300 Hz 1.35 1.23 1.10
1 kHz 1.57 1.34 1.13
10 kHz ~ 2.00 1.50 1.15
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UET1E330MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X